Part Number Hot Search : 
MJ10007 ENA1024 AP148 MV71001 E28F004 OV20880 C3406 THAT380G
Product Description
Full Text Search
 

To Download 103H7121-0140 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  73 56 mm sq. 103h712 1.8?/step 2-phase stepping motor specifications model one shaft two shafts 103H7121-0140 103h7121-0440 103h7121-0740 103h7123-0140 103h7123-0440 103h7123-0740 103h7124-0140 103h7124-0440 103h7124-0740 103h7126-0140 103h7126-0440 103h7126-0740 holding torque at 2-phase energization n.m or more 0.39 0.39 0.39 0.83 0.83 0.78 0.98 0.98 0.98 1.27 1.27 1.27 rated current a/phase 1 2 3 1 2 3 1 2 3 1 2 3 wiring resistance ? /phase 4.8 1.25 0.6 6.7 1.6 0.77 7 1.7 0.74 8.6 2 0.9 wiring inductance mh/phase 8 1.9 0.8 15 3.8 1.58 12.5 3.1 1.4 19 4.5 2.2 rotor inertia x10 -4 kg? 2 0.1 0.1 0.1 0.21 0.21 0.21 0.245 0.245 0.245 0.36 0.36 0.36 weigh kg 0.47 0.47 0.47 0.65 0.65 0.65 0.8 0.8 0.8 0.98 0.98 0.98 2-phase stepping motor unipolar winding model one shaft two shafts 103h7121-5040 103h7123-5040 103h7126-5040 holding torque at 2-phase energization n.m or more 0.39 0.83 1.27 rated current a/phase 2 2 2 wiring resistance ? /phase 0.65 0.8 1.05 wiring inductance mh/phase 1.9 3.8 4.5 rotor inertia x10 -4 kg? 2 0.1 0.21 0.36 weigh kg 0.47 0.65 0.98 bipolar winding for information on the applicable driver, contact our sales department. -0110 -0410 -0710 -0110 -0410 -0710 -0110 -0410 -0710 -0110 -0410 -0710 -5010 -5010 -5010
+0.5 4- 4.5 0 .0 8 or less 26 or less lead wire ul1430 awg22 305 or more 15.5 1 41.8 0.8 20.6 0.5 56 0.5 4-47.14 0.13 5 1.5 0 .000 6.35 -0.013 0 .00 0 6.35 -0.013 38.1 0.025 74 103H7121-0140/0440/0740/5040 (single shaft) 103h7121-0110/0410/0710/5010 (double shaft) 8 or less 26 or less lead wire ul1430 awg22 305 or more 15.5 1 53.8 0.8 20.6 0.5 5 1.5 0 .000 6.35 -0.013 +0.5 4- 4.5 0 .5 0 .000 6.35 -0.013 0 .000 38.1 -0.025 4-47.14 0.13 56 0.5 103h7123-0140/0440/0740/5040 (single shaft) 103h7123-0110/0410/0710/5010 (double shaft) lead wire ul1430 awg22 15.5 1 63.8 0.8 305 or more 20.6 0.5 5 1.5 0 .000 6.35 -0.013 0 .000 6.35 -0.013 56 0.5 26 or less 4-47.14 0.13 8 or less +0.5 4- 4.5 0 .5 38.1 0.025 dimensions (unit: mm) 103h7124-0140/0440/0740 (single shaft) 103h7124-0110/0410/0710 (double shaft) +0.5 4- 4.5 0 .5 lead wire ul1430 awg22 0 .013 6.35 -0.013 15.5 1 305 or more 75.8 0.8 20.6 0.5 5 1.5 0 .013 6.35 -0.013 38.1 0.025 56 0.5 26 or less 4-47.14 0.13 8 or less 103h7126-0140/0440/0740/5040 (single shaft) 103h7126-0110/0410/0710/5010 (double shaft)
75 torque (kgf-cm) torque (n-m) 0.1 1 10 100 pulse rate (kpulse/s) 1000 2000 3000 5000 100 number of rotations (min -1 ) 0.1 0.2 0.3 0.4 0.5 0 1 2 3 4 5 0 start torque at j l2 getaway torque at j l1 torque (kgf-cm) torque (n-m) 0.1 1 10 100 pulse rate (kpulse/s) 1000 2000 3000 5000 100 number of rotations (min -1 ) 0.2 0.4 0.6 0.8 1.0 0 2 4 6 8 10 0 start torque at j l2 getaway torque at j l1 pulse rate - torque characteristics 103H7121-0140 103h7123-0140 sanyo constant current circuit source voltage: dc24v wiring current: 1a/phase, 2-phase energization (full-step) j l1 =0.94x10 -4 kg m 2 (uses rubber coupling) j l2 =0.8x10 -4 kg m 2 (uses direct coupling) sanyo constant current circuit source voltage: dc24v wiring current: 1a/phase, 2-phase energization (full-step) j l1 =0.94x10 -4 kg m 2 (uses rubber coupling) j l2 =0.8x10 -4 kg m 2 (uses direct coupling) torque (kgf-cm) torque (n-m) 0.1 1 10 100 pulse rate (kpulse/s) 1000 2000 3000 5000 100 number of rotations (min -1 ) 0.1 0.2 0.3 0.4 0.5 0 1 2 3 4 5 0 start torque at j l2 getaway torque at j l1 torque (kgf-cm) torque (n-m) 0.1 1 10 100 pulse rate (kpulse/s) 1000 2000 3000 5000 100 number of rotations (min -1 ) 0.2 0.4 0.6 0.8 1.0 0 2 4 6 8 10 0 start torque at jl2 getaway torque at j l1 103h7121-0440 103h7123-0440 sanyo constant current circuit source voltage: dc24v wiring current: 2a/phase, 2-phase energization (full-step) j l1 =0.94x10 -4 kg m 2 (uses rubber coupling) j l2 =0.8x10 -4 kg m 2 (uses direct coupling) sanyo constant current circuit source voltage: dc24v wiring current: 2a/phase, 2-phase energization (full-step) j l1 =0.94x10 -4 kg m 2 (uses rubber coupling) j l2 =0.8x10 -4 kg m 2 (uses direct coupling) torque (kgf-cm) torque (n-m) 0.1 1 10 100 pulse rate (kpulse/s) 1000 2000 3000 5000 100 number of rotations (min -1 ) 0.1 0.2 0.3 0.4 0.5 0 1 2 3 4 5 0 start torque at j l2 getaway torque at j l1 torque (kgf-cm) torque (n-m) 0.1 1 10 100 pulse rate (kpulse/s) 1000 2000 3000 5000 100 number of rotations (min -1 ) 0.2 0.4 0.6 0.8 1.0 0 2 4 6 8 10 0 start torque at j l2 getaway torque at j l1 103h7121-0740 103h7123-0740 sanyo constant current circuit source voltage: dc24v wiring current: 3a/phase, 2-phase energization (full-step) j l1 =0.94x10 -4 kg m 2 (uses rubber coupling) j l2 =0.8x10 -4 kg m 2 (uses direct coupling) sanyo constant current circuit source voltage: dc24v wiring current: 3a/phase, 2-phase energization (full-step) j l1 =0.94x10 -4 kg m 2 (uses rubber coupling) j l2 =0.8x10 -4 kg m 2 (uses direct coupling) 2-phase stepping motor
76 torque (kgf-cm) torque (n-m) 0.1 1 10 100 pulse rate (kpulse/s) 1000 2000 3000 5000 100 number of rotations (min -1 ) 0.2 0.4 0.6 0.8 1.0 0 2 4 6 8 10 0 getaway torque at j l1 start torque at j l2 torque (kgf-cm) torque (n-m) 0.1 1 10 100 pulse rate (kpulse/s) 1000 2000 3000 5000 100 number of rotations (min -1 ) 0.4 0.8 1.2 1.6 2 0 4 8 12 16 20 0 start torque at j l2 getaway torque at j l1 pulse rate - torque characteristics 103h7124-0140 103h7126-0140 sanyo constant current circuit source voltage: dc24v wiring current: 1a/phase, 2-phase energization (full-step) j l1 =2.6x10 -4 kg m 2 (uses rubber coupling) j l2 =2.6x10 -4 kg m 2 (uses direct coupling) sanyo constant current circuit source voltage: dc24v wiring current: 1a/phase, 2-phase energization (full-step) j l1 =2.6x10 -4 kg m 2 (uses rubber coupling) j l2 =2.6x10 -4 kg m 2 (uses direct coupling) torque (kgf-cm) torque (n-m) 0.1 1 10 100 pulse rate (kpulse/s) 1000 2000 3000 5000 100 number of rotations (min -1 ) 0.2 0.4 0.6 0.8 1.0 0 2 4 6 8 10 0 getaway torque at j l1 start torque at j l2 torque (kgf-cm) torque (n-m) 0.1 1 10 100 pulse rate (kpulse/s) 1000 2000 3000 5000 100 number of rotations (min -1 ) 0.4 0.8 1.2 1.6 2 0 4 8 12 16 20 0 start torque at j l2 getaway torque at j l1 103h7124-0440 103h7126-0440 sanyo constant current circuit source voltage: dc24v wiring current: 2a/phase, 2-phase energization (full-step) j l1 =2.6x10 -4 kg m 2 (uses rubber coupling) j l2 =2.6x10 -4 kg m 2 (uses direct coupling) sanyo constant current circuit source voltage: dc24v wiring current: 2a/phase, 2-phase energization (full-step) j l1 =2.6x10 -4 kg m 2 (uses rubber coupling) j l2 =2.6x10 -4 kg m 2 (uses direct coupling) torque (kgf-cm) torque (n-m) 0.1 1 10 100 pulse rate (kpulse/s) 1000 2000 3000 5000 100 number of rotations (min -1 ) 0.2 0.4 0.6 0.8 1.0 0 2 4 6 8 10 0 getaway torque at j l1 start torque at j l2 torque (kgf-cm) torque (n-m) 0.1 1 10 100 pulse rate (kpulse/s) 1000 2000 3000 5000 100 number of rotations (min -1 ) 0.4 0.8 1.2 1.6 2 0 4 8 12 16 20 0 start torque at j l2 getaway torque at j l1 103h7124-0740 103h7126-0740 sanyo constant current circuit source voltage: dc24v wiring current: 3a/phase, 2-phase energization (full-step) j l1 =2.6x10 -4 kg m 2 (uses rubber coupling) j l2 =2.6x10 -4 kg m 2 (uses direct coupling) sanyo constant current circuit source voltage: dc24v wiring current: 3a/phase, 2-phase energization (full-step) j l1 =2.6x10 -4 kg m 2 (uses rubber coupling) j l2 =2.6x10 -4 kg m 2 (uses direct coupling)
77 torque (kgf-cm) torque (n-m) 0.1 1 10 100 pulse rate (kpulse/s) 1000 2000 3000 5000 100 number of rotations (min -1 ) 0.1 0.2 0.3 0.4 0.5 0 1 2 3 4 5 0 start torque at j l2 getaway torque at j l1 torque (kgf-cm) torque (n-m) 0.1 1 10 100 pulse rate (kpulse/s) 1000 2000 3000 5000 100 number of rotations (min -1 ) 0.2 0.4 0.6 0.8 1.0 0 2 4 6 8 10 0 start torque at j l2 getaway torque at j l1 pulse rate - torque characteristics 103h7121-5040 103h7123-5040 sanyo constant current circuit source voltage: dc24v wiring current: 2a/phase, 2-phase energization (full-step) j l1 =0.94x10 -4 kg m 2 (uses rubber coupling) j l2 =0.1x10 -4 kg m 2 (pulley balancer method) sanyo constant current circuit source voltage: dc24v wiring current: 2a/phase, 2-phase energization (full-step) j l1 =0.94x10 -4 kg m 2 (uses rubber coupling) j l2 =0.21x10 -4 kg m 2 (pulley balancer method) torque (kgf-cm) torque (n-m) 0.1 1 10 100 pulse rate (kpulse/s) 1000 2000 3000 5000 100 number of rotations (min -1 ) 0.4 0.8 1.2 1.6 2 0 4 8 12 16 20 0 start torque at j l2 getaway torque at j l1 103h7126-5040 sanyo constant current circuit source voltage: dc24v wiring current: 2a/phase, 2-phase energization (full-step) j l1 =2.6x10 -4 kg m 2 (uses rubber coupling) j l2 =0.33x10 -4 kg m 2 (pulley balancer method) 2-phase stepping motor
78


▲Up To Search▲   

 
Price & Availability of 103H7121-0140

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X